PART |
Description |
Maker |
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
IRLL024N IRLL024NPBF IRLL024NTR |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 4.4 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
IRF[International Rectifier]
|
IRFZ44VL IRFZ44VS IRFZ44VSTRR |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A) (IRFZ44VL / IRFZ44VS) Power MOSFET
|
IRF[International Rectifier]
|
IRFI634G ORFO634G |
POWER MOSFET 功率MOSFET Power MOSFET(Vdss=250V / Rds(on)=0.45ohm / Id=5.6A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFUC20 IRFRC20 IRFUC20PBF |
600V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.0A) (IRFRC20 / IRFUC20) Power MOSFET
|
IRF[International Rectifier]
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
VRF148A VRF148AMP VRF148A10 |
RF MOSFET (VDMOS) for 50V operation; P(out) (W): 30; P(in) (W): 1; Gain (dB): 15; VDD (V): 50; Coss (pF): 35; Case Style: M113 VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER VERTICAL MOSFET
|
Microsemi, Corp. Microsemi Corporation
|
NID9N05CL NID9N05CLT4 NID9N05CLT4G |
Power MOSFET Power MOSFET 9 Amps, 52 Volts N-Channel, Logic Level(9 A, 52V?昏??靛钩锛???????MOSFET) Power MOSFET 9 A, 52 V, N-Channel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
|
ON Semiconductor
|
NTD18N06LT4G NTD18N06 NTD18N06L NTD18N06L-1 NTD18N |
Power MOSFET 18 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 18 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
IRL7833LPBF IRL7833PBF IRL7833SPBF IRL7833STRLPBF |
75 A, 30 V, 0.0038 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB HEXFET?Power MOSFET HEXFET㈢Power MOSFET
|
International Rectifier
|
IRFR9214 IRFU9214 IRFRU9214 |
-250V Single P-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A) HA1L-M1C53-G L6 Ovrsz ILL PB Rnd Flsh Mom SPDT 12V LED Sldr
|
IRF[International Rectifier]
|